mmcx s tra ight p lug receptacle part number 135- 3801- 201 inches (m illimeters) cust omer dra w ings a v a ilable upon request mounting hole lay out emerson network power connectivity solutions 299 johnson avenue sw, waseca, mn 56093 ? 800 -247- 8256 ? +1 (507) 833-8822 ? www.emersonconnectivity.com
e l ect r ical r a t ings im p e d a n ce: 50 ohms fre que n cy range : connec to r s ................................................ 0 - 6 ghz dummy loads ............................................ 0 - 1 ghz vsw r : ( f = ghz ) s tr a ight r ight angle cabled connec to r s cabled connec to r s .047 d ia fle x ib le .................................... 1 .2 0 1 .14 + .07f rg- 178, rg- 316, rg- 316ds .............. 1 .2 0 1 .2 5 .086 s emi-rig id ..................................... 1 .1 5 1 .1 5 unc abled re c epta c le s , dummy loads ................................................ n /a w ork ing v o lt a g e : connec to r s ......................... 170 v r m s a t s ea le v e l? dummy loads ................................................... n /a d ie lectric w iths t a nding v o lt a g e : connec to rs...500 v r m s a t s ea le v e l? dummy loads ............................ n /a in s u la t ion resis t a n ce: 1000 megohms m in c ontact resis t a n ce: ( m illiohms max i mum) a fte r i n itia l env i r onment a l cente r c onta c t (str a ight c abled c onnec to r s and unc abled re c epta c le s ) ...................... 5 .0 8 .0 cente r conta c t (right angle cable d c onnec to rs) .............................................. 5 .0 15.0 oute r c onta c t ( a ll c onnec to rs) ..................... 1 .0 1 .5 b r a id to body ............................................... 1 .5 n /a c orona level: connec to r s ..................... 190 v o lts m in a t 70,000 feet? dummy loads ......................................................... n /a in sertion loss: ( db max te s ted a t 1 ghz ) s tr a ight c abled c onnec to r s .............................................................. 0 .1 r ight angle cabled connec to r s ........................................................ 0 .2 unc abled re c epta c le s , dummy loads ............................................. n /a r f l eakag e : ( db m in imum, te s ted a t 2 .5 ghz ) f le x ib le c able c onnec to r s .......................................................... - 60 d b .086 s emi-rig id ........................................................................... - 70 db dummy loads ................................................................................. n /a r f h igh p ote ntia l w iths t and in g v o lt a g e : ( 400 v r m s a t 4 and 7 mhz)? p o wer rat ing ( d u mmy loa d): - 0 .5 watt @ +25 c , der a ted to 0 .2 5 watt @ +125 c mechanical r a t ings engagem e nt desig n : ser ie s mmcx engagem e nt/d iseng agem ent f o r ce: 8 lb s . max a x ia l engagement 1 .4 lb s . m in a x ia l d is engagement c o n t act ret e ntio n: 2 .0 lb s . m in imum a x ia l fo rce cab le ret e ntio n : axia l force* t orq u e ( p o u nds ) ( in - o z ) connec to rs fo r .047 fle x ib le ........................ 3 .5 n /a connec to rs fo r rg- 178 ............................... 7 .0 n /a connec to rs fo r rg- 316 .............................. 20.0 n /a connec to rs fo r rg- 316ds ......................... 25.0 n /a connec to rs fo r .086 s emi-rig id ................... 30.0 1 6 * o r cable b r eak ing str ength whic hev e r is le ss. d urabilit y : .............................................................. 500 cycle s m in imum envi ronment a l r a t i ngs ( meet s o r e xceed t he applic abl e par agr aph o f m il - c - 39012) o p e r a t ing t e m p e r a ture : connec to r s ......................... - 6 5 c to + 165 c dummy loads .................... - 6 5 c to + 125 c t h e r m a l sho ck: connec to rs: m il - std- 202, method 107, condition c , e xcept - 5 5 c to + 155 c ( n /a dummy loads ) c orros ion: m il - std- 202, method 101, condition b ( n /a dummy loads ) shock: m il - s t d - 202, method 213, condition b ( n /a dummy loads ) v ib r a t io n : m il - s t d - 202, method 204, condition d ( n /a dummy loads ) mois t u r e resis t a n ce: m il - std- 202, method 106 ( n /a dummy loads ) m a teria l specif ic a t ions b o d ies: b r a ss per qq- b - 626, gold p la ted* per m il - g - 45204 .00001" m in . c o n t act s : beryllium c opper per qq- c - 530, gold p la ted* per m il - g - 45204 .00003" m in . inte rface spr in g: beryllium c opper per qq- c - 530, gold p la ted* per m il - g - 45204 .00003" min . in sula t o r s : ptf e fluor o c a r bon per ast m d 1710 and ast m d 1457 c r im p s leeves: copper per w w - t - 799 o r b r a ss per qq- b - 626, gold p la ted pe r m il - g - 45204 .00001" m in . mountin g har dwar e : b r a ss per qq- b - 626 o r qq- b - 613, gold p la te d per m il - g - 45204 .00001" m in . * a ll gold p la ted par ts in c lude a .00005? m in n icke l barrie r la y e r . ? a v o id u s e r in ju ry due to m is applic a tion. see s a fe ty adv is o ry defin itions in s ide fr ont c o v e r . mmcx - 50 o h m c onnectors spec ific a tions mat in g eng a g e m e nt for mmcx ser ie s 1 . i d o f c ont a c t t o meet vsw r matin g c har a c te r is tics and c onnec to r dur abil- ity when mated w ith a d ia .016 + /- .001 male c onta c t. 2 . mus t meet t he f o rce t o engage and d i s - engage when mated w ith mating par t. jack jack plug plug emerson network power connectivity solutions 299 johnson avenue sw, waseca, mn 56093 ? 800 -247- 8256 ? +1 (507) 833-8822 ? www.emersonconnectivity.com
|